PART |
Description |
Maker |
UTCHE8550 HE8550-TO-92 |
PNP EPITAXIAL SILIC ON TRANSISTOR
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
UPA812T-T1 UPA812 UPA812T UPA812TGB-T1 PA812T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD TRANSISTOR | BJT | PAIR | NPN | 10V V(BR)CEO | 65MA I(C) | SOT-363
|
NEC[NEC] NEC Corp.
|
UPA827 UPA827TF UPA827TF-T1 PA827TF |
High-Frequecy Low-Noise Amplifier NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 6-PIN 2 x 2SC5179 THIN-TYPE SMALL MINI MOLD
|
NEC Corp.
|
MCH4020-TL-H MCH402012 ENA1280A ENA1280 |
RF Transistor, 8V, 150mA, fT=16GHz, NPN Single MCPH4 NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier
|
ON Semiconductor Sanyo Semicon Device
|
CPH6001A |
NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifier Applications UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR
|
Sanyo Semicon Device
|
KTD1510 |
Triple Diffused NPN Transistor(Hign Power Amplifier,Darlington Transistor)(涓???╂?NPN?朵?绠★?澶у????澶у???揪??】?朵?绠★?)
|
KEC Holdings
|
2SC3807C |
2 A, 25 V, NPN, Si, POWER TRANSISTOR, TO-126 NPN Epitaxial Planar Silicon Transistor 25V / 2A High-hFE, Low Frequency General-Purpose Amplifier Applications
|
Sanyo Semicon Device
|
KSC1623LMTF KSC1623GMTFNL KSC1623O |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Epitaxial Silicon Transistor 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Low Frequency Amplifier & High Frequency OSC. 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
2SC4695 |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-236 晶体管|晶体管|叩| 20V的五(巴西)总裁| 500mA的一(c)|36 NPN Epitaxial Planar Silicon Transistor for Low-Frequency General-Purpose Amplifier,Muting Applications(低频通用放大器,噪声抑制应用的NPN硅外延平面型晶体 NPN Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose Amplifier, Muting Applications
|
Hitachi,Ltd. Sanyo Electric Co.,Ltd.
|
KTC3878 KTC3883 |
TRIPLE DIFFUSED PNP TRANSISTOR(HIGH FREQUENCY/ VHF BAND AMPLIFIER) EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY LOW NOISE AMPLIFIER, HF, VHF AMPLIFIER)
|
KEC[KEC(Korea Electronics)]
|